Part Number Hot Search : 
2N6990 06000 00GA1 HT7730A FM4933L E3503S 203306B DZ11B
Product Description
Full Text Search
 

To Download 1N4007-E3-54 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  document number: 88503 for technical ques tions within your region, please cont act one of the following: www.vishay.com revision: 23-feb-11 diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com 1 general purpose plastic rectifier 1n4001 thru 1n4007 vishay general semiconductor features ? low forward voltage drop ? low leakage current ? high forward surge capability ? solder dip 275 c max. 10 s, per jesd 22-b106 ? compliant to rohs directive 2002/95/ec and in accordance to weee 2002/96/ec typical applications for use in general purpose rect ification of power supplies, inverters, converters and freewheeling diodes application. note ? these devices are no t aec-q101 qualified. mechanical data case: do-204al, molded epoxy body molding compound meets ul 94 v-0 flammabi lity rating base p/n-e3 - rohs compliant, commercial grade terminals: matte tin plated leads, solderable per j-std-002 and jesd 22-b102 e3 suffix meets jesd 201 class 1a whisker test polarity: color band denotes cathode end note (1) for device using on bridge rectifier appliaction primary characteristics i f(av) 1.0 a v rrm 50 v to 1000 v i fsm (8.3 ms sine-wave) 30 a i fsm (square wave t p = 1 ms) 45 a v f 1.1 v i r 5.0 a t j max. 150 c do-204al (do-41) maximum ratings (t a = 25 c unless otherwise noted) parameter symbol 1n4001 1n4002 1n4003 1n4004 1n4005 1n4006 1n4007 unit maximum repetitive pe ak reverse voltage v rrm 50 100 200 400 600 800 1000 v maximum rms voltage v rms 35 70 140 280 420 560 700 v maximum dc blocking voltage v dc 50 100 200 400 600 800 1000 v maximum average forward rectified current 0.375" (9.5 mm) lead length at t a = 75 c i f(av) 1.0 a peak forward surge current 8.3 ms single half sine-wave superimposed on rated load i fsm 30 a non-repetitive peak forward surge current square waveform t a = 25 c (fig. 3) t p = 1 ms i fsm 45 a t p = 2 ms 35 t p = 5 ms 30 maximum full load reverse current, full cycle average 0.375" (9.5 mm) lead length t l = 75 c i r(av) 30 a rating for fusing (t < 8.3 ms) i 2 t (1) 3.7 a 2 s operating junction and storage temperature range t j , t stg - 50 to + 150 c
www.vishay.com for technical qu estions within your region, please contact one of the fo llowing: document number: 88503 2 diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com revision: 23-feb-11 1n4001 thru 1n4007 vishay general semiconductor note (1) thermal resistance from junction to ambient at 0.375" (9.5 mm) lead length, pcb mounted ratings and characteristics curves (t a = 25 c unless otherwise noted) fig. 1 - forward current derating curve fig. 2 - maximum non-repetitive pe ak forward surge current electrical characteristics (t a = 25 c unless otherwise noted) parameter test conditions symbol 1n 4001 1n4002 1n4003 1n4004 1n4005 1n4006 1n4007 unit maximum instantaneous forward voltage 1.0 a v f 1.1 v maximum dc reverse current at rated dc blocking voltage t a = 25 c i r 5.0 a t a = 125 c 50 typical junction capacitance 4.0 v, 1 mhz c j 15 pf thermal characteristics (t a = 25 c unless otherwise noted) parameter symbol 1n4001 1n4002 1n4003 1n4004 1n4005 1n4006 1n4007 unit typical thermal resistance r ? ja (1) 50 c/w r ? jl (1) 25 ordering information (example) preferred p/n unit weight (g) preferred package code base quantity delivery mode 1n4004-e3/54 0.33 54 5500 13" diameter paper tape and reel 1n4004-e3/73 0.33 73 3000 ammo pack packaging 0 0 25 50 75 100 125 150 175 0.2 0.4 0.6 0.8 1.0 junction temperature (c) average forward rectified current (a) 0.375 " (9.5 mm) lead length 0.2 " x 0.2 " (5.0 mm x 5.0 mm) copper pad s 60 hz re s i s tive or inductive load 5 10 15 20 25 30 number of cycle s at 60 hz 1 10 100 t a = 55 c 8.3 m s s ingle half s ine-wave peak forward s urge current (a)
document number: 88503 for technical ques tions within your region, please cont act one of the following: www.vishay.com revision: 23-feb-11 diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com 3 1n4001 thru 1n4007 vishay general semiconductor fig. 3 - non-repetitive peak forward surge current fig. 4 - typical instantaneous forward characteristics fig. 5 - typical reverse characteristics fig. 6 - typical j unction capacitance fig. 7 - typical transient thermal impedance 50 75 100 50 25 125 30 25 20 15 45 40 35 10 ambient temperature (c) sq uare waveform t p t p = 1 m s t p = 5 m s t p = 2 m s peak forward s urge current (a) 0.6 0.8 1.0 1.2 1.4 1.6 1.8 0.01 0.1 1 10 100 in s tantaneou s forward voltage (v) in s tantan eou s forwar d current (a) t j = 25 c pul s e width = 300 s 1 % duty cycle 0 0.01 0.1 1 10 100 60 80 100 20 40 1000 percentage of peak rever s e voltage (%) in s tantaneou s rever s e current (a) t j = 150 c t j = 25 c t j = 100 c 1 10 100 rever s e voltage (v) 0.1 1 10 100 junction capacitance (pf) t j = 25 c f = 1.0 mhz v s ig = 50 mv p-p 0.1 10 100 1 0.01 0.1 1 10 100 t - pul s e duration ( s ) tran s ient thermal impedance (c/w)
www.vishay.com for technical qu estions within your region, please contact one of the fo llowing: document number: 88503 4 diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com revision: 23-feb-11 1n4001 thru 1n4007 vishay general semiconductor package outline dimensions in inches (millimeters) do-204al (do-41) 1.0 (25.4) min. 1.0 (25.4) min. 0.205 (5.2) 0.160 (4.1) 0.107 (2.7) 0.080 (2.0) dia. 0.034 (0.86) 0.028 (0.71) dia. ? lead diameter i s for s uffix e part number s 0.026 (0.66) 0.023 (0.58) note
legal disclaimer notice www.vishay.com vishay revision: 02-oct-12 1 document number: 91000 disclaimer all product, product specifications and data are subject to change without notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employee s, and all persons acting on it s or their behalf (collectivel y, vishay), disclaim any and all liability for any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, repres entation or guarantee regarding the suitabilit y of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicable law, vi shay disclaims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability, including without limitation specia l, consequential or incidental damages, and (iii) any and all i mplied warranties, including warra nties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of products for certain type s of applications are based on vishays knowledge of typical requirements that are often placed on vishay products in generic applications. such statements are not binding statements about the suitability of products for a particular application. it is the customers responsib ility to validate that a particu lar product with the properties descri bed in the product specification is suitable fo r use in a particular application. parameters provided in datasheets and/or specification s may vary in different applications an d performance may vary over time. all operating parameters, including typical pa rameters, must be validated for each customer application by the customers technical experts. product specifications do not expand or otherwise modify vish ays terms and condit ions of purchase, including but not limited to the warranty expressed therein. except as expressly indicate d in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vi shay product could result in personal injury or death. customers using or selling vishay products not expressly indicated for use in such applications do so at their own risk. pleas e contact authorized vishay personnel to ob tain written terms and conditions regarding products designed for such applications. no license, express or implied, by estoppel or otherwise, to any intellectual prope rty rights is granted by this document or by any conduct of vishay. product names and markings noted herein may be trad emarks of their respective owners. material category policy vishay intertechnology, inc. hereby certi fies that all its products that are id entified as rohs-compliant fulfill the definitions and restrictions defined under directive 2011/65/eu of the euro pean parliament and of the council of june 8, 2011 on the restriction of the use of certain hazardous substances in electrical and electronic equipment (eee) - recast, unless otherwis e specified as non-compliant. please note that some vishay documentation may still make reference to rohs directive 2002/95/ ec. we confirm that all the products identified as being compliant to directive 2002 /95/ec conform to directive 2011/65/eu. vishay intertechnology, inc. hereby certifi es that all its products that are identified as ha logen-free follow halogen-free requirements as per jedec js709a stan dards. please note that some vishay documentation may still make reference to the iec 61249-2-21 definition. we co nfirm that all the products identified as being compliant to iec 61249-2-21 conform to jedec js709a standards.


▲Up To Search▲   

 
Price & Availability of 1N4007-E3-54

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X